.783 .281 2.4mm(f) 2.4mm(f) engineering data electrical : frequency range: dc to 50 ghz vswr max: 1.20:1 mechanical : interface per mil-std-348 material : housing/coupling nut: stainless steel contacts: beryllium copper support bead: pei finish : housing/coupling nut: passivated contacts: gold plated notes: 1. all dimensions shown are for reference only. rev. description date approved - original issue 07/23/10 trc d c b a a b c d 1 2 3 4 5 6 7 8 8 7 6 5 4 3 2 1 this document, including the design, configuration and mechanical features revealed herein are the sole, confidential and proprietary property of tru corporation. reproduction or use thereof, in whole or part, is prohibited without the prior written consent of tru corporation. tolerances: fractions: 1/64 .xx : .01 .xxx: .005 angles: 1/2` machined surfaces: material drawn eng appr. mfg appr. comments: date title: dwg. no. rev weight: lbs scale: 4:1 unless otherwise specified: dimensions are in inches - trc 07/20/10 07/21/10 07/21/10 07/16/10 sheet 1 of 1 TRU-11244 do not scale drawing date date other appr. date surface area: sq inch b size 63 trc df am third angle projection cage code: 92180 connector,coaxial 2.4mm(f) to 2.4mm(f) adapter
|